Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-1.8YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5259-1.8YML
Description  300mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-1.8YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5259-1.8YML Datasheet HTML 1Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 2Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-1.8YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5259
September 2006
3
M9999-091406
Absolute Maximum Ratings(1)
Supply Input Voltage (VIN).................................... 0V to +7V
Enable Input Voltage (VEN)................................... 0V to +7V
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (TS)........................... –65°C to 150°C
Lead Temperature (soldering, 5sec.)......................... 260°C
EDS Rating
(4).................................................................. 2kV
Operating Ratings(2)
Supply voltage (VIN) ........................................ +2.7V to +6V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Thermal Resistance
TSOT-23 (θJA)..................................................235°C/W
2x2 MLF
® (θ
JA)................................................... 90°C/W
Electrical Characteristics(5)
VIN = VOUT + 1V; VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C< TJ < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VO
Output Voltage Accuracy
IOUT = 100µA
–1.5
–3
1.5
3
%
%
∆VLRN
Line Regulation
VIN = VOUT + 1V to 6V
–0.3
0.02
0.3
%/V
∆VLDR
Load Regulation
IOUT = 0.1mA to 300mA(6)
0.6
3.0
%
IOUT = 150mA
150
mV
VIN – VOUT
Dropout Voltage
(7)
IOUT = 300mA
300
500
550
mV
mV
IQ
Quiescent Current
VEN ≤ 0.4V (shutdown)
0.2
1
µA
IOUT = 0mA
105
150
µA
IGND
Ground Pin Current
(8)
IOUT = 300mA
120
250
µA
f = 10Hz, COUT = 1.0µF, CBYP = 0.01µF
65
dB
f = 10Hz, VIN = VOUT + 0.3V
53
dB
PSRR
Ripple Rejection; IOUT = 150mA
f = 10kHz, VIN = VOUT + 0.3V
53
dB
ILIM
Current Limit
VOUT = 0V
350
475
mA
en
Output Voltage Noise
COUT 1.0µF, CBYP = 0.01µF,
f = 10Hz to 100kHz
30
µV(RMS)
Enable Input
VIL
Enable Input Logic-Low Voltage
VIN = 2.7 to 5.5V, regulator shutdown
0.4
V
VIH
Enable Input Logic-High Voltage
VIN = 2.7V to 5.5V, regulator enabled
1.6
V
VIL ≤ 0.4V, regulator shutdown
0.01
1
µA
IEN
Enable Input Current
VIH ≥ 1.6V, regulator enabled
0.01
1
µA
Shutdown Resistance Discharge
500
Ω
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the MIC5259-x.xBM5 (all versions) is
235°C/W on a PC board. See “Thermal Considerations” section for further details.
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range
from 0.1mA to 300mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum input operating
voltage is 2.7V.
8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com