Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-2.5YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5259-2.5YML
Description  300mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-2.5YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5259-2.5YML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 9Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 10Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC5259
September 2006
9
M9999-091406
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5259-2.8BML at
70°C with a minimum footprint layout, the maximum
input voltage for a set output current can be determined
as follows:
⎟
⎠
⎞
⎜
⎝
⎛
°
°
−
°
=
C/W
90
C
70
C
125
PD(max)
PD(max) = 611mW
The junction-to-ambient thermal resistance for the
minimum footprint is 90°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 2.8V and
an output current of 200mA, the maximum input voltage
can be determined. Because this device is CMOS and
the ground current is typically 110µA over the load
range, the power dissipation contributed by the ground
current is < 1% and can be ignored for this calculation.
611mW = (VIN – 2.8V) 200mA
611mW = VIN × 200mA – 560mW
1171mW = VIN × 200mA
VIN(max) = 5.85V
Therefore, a 2.8V application at 200mA of output current
can accept a maximum input voltage of 5.85V in an MLF
package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing with
Low-Dropout Voltage Regulators
handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com