Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC9130 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC9130_08 Datasheet HTML 9Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 10Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 11Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 12Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 13Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 14Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 15Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 16Page - Micrel Semiconductor MIC9130_08 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
November 2008
13
M9999-111108
MIC9130
Micrel, Inc.
until the error amplifier takes control of the duty cycle. The
soft start capacitor is discharged by an internal MOSFET in
the MIC9130.
The soft start circuit is activated by the following events:
1. Line undervoltage pin less than the 1.21V threshold
2. VCC becomes less than the pre-regulator voltage turn
.................................................................off threshold.
3. The current limit comparator threshold is exceeded.
This can be disabled with a low level on the
CPWR
pin.
4. A low level on the enable pin.
Calculating the soft capacitor depends on many parameters
such as the current limit of the circuit input voltage, output
power and output loading.Astarting value of capacitor should
be chosen and the value can be adjusted later in the design.
Recommended starting values of soft start capacitance is
typically 10nF to 100nF. Values below 1nF may be ineffective
in slowing the output voltage turn on time.
CPWR Current Limit Selection
This pin controls whether the soft start circuit is reset if the
voltage on the Isns pin exceeds the overcurrent threshold.
When the CPWR pin is high, an overcurrent condition at the
ISNS pin will terminate the on-time of the gate drive pulse
and discharge the soft start capacitor to zero volts. This delay
in start up contributes to a reduction in the average output
current during an overcurrent or short circuit condition. A
smaller MOSFET may be used since the power dissipation
in the MOSFET is minimized under short circuit or overcur-
rent conditions.
If the CPWR pin is low an overcurrent or short circuit condi-
tions will not trip the soft start circuit. The pulse-by-pulse
current limit, inherent in current mode control, provides a
“brick wall” or constant current limit. With the power supply
operating in this mode, a smaller soft start capacitor can be
used to increase the turn on speed of the supply.
If the CPWR in is held low during the initial turn on at power
up and then raised high, the power supply can maximize
the turn-on time at start up and still provide a high level of
overcurrent and short circuit protection. The circuit shown
in Figure 7 performs this function.
VREF
CPWR
R1
D1
C1
AGND
MIC9130
Figure 7
MOSFET Gate Drive Output
The MIC9130 has the capability to directly drive the gate of
a MOSFET. The output driver consists of a complimentary
P-channel and N-channel pair. The typical switching time
of the output is dependent on the IC supply voltage and the
gate charge required to turn the MOSFET on and off.
A resistor placed in series with the gate drive output attenu-
ates ringing in the etch connection between the MIC9130
and the MOSFET. Figure 8 shows a single resistor in series
between the driver output and the gate of the MOSFET. The
zener value should be greater than the gate drive voltage
to prevent excessive power dissipation, but less than the
maximum gate to source voltage rating.
Gate Drive
Output
GND
Figure 8
The circuitry shown in figure 9 allow different rise and fall times.
R1 and the input capacitance of the MOSFET determine the
rise-time of the gate voltage and therefore the turn-on time of
theMOSFET.Thediode,D1isreversedbiased,whichremoves
R2 from the circuit. At turn-off, D1 is forward biased and the
parallel combination of R1 and R2 controls the turn-off time
of the MOSFET. The turn on-time is slower, which reduces
switching noise and ringing during turn-on. The turn-off time
is faster, which minimizes switching losses during turn-off and
improves efficiency. If the turn-on time is to be faster than
the turn-off time, the diode should be reversed.
Gate Drive
Output
GND
R2
D1
R1
Figure 9
A gate drive transformer is used where an increase in drive
voltage, isolation and/or voltage level shifting are required.
Gate drive transformers can have multiple windings and drive
multiple MOSFETs, including MOSFETs that require a drive
signal 180 degrees out of phase with the ICs drive signal.
Figure 10 shows a gate drive transformer circuit. The ca-
pacitor, C1 removes DC from the drive circuit and prevents
transformer saturation. R1 provides damping to eliminate
ringing in the circuit. R1 is usually in the 5 to 20
Ω range,
depending on the amount of damping necessary. D1 and
D2 form a clamp circuit, which prevents the voltage from
exceeding the VGMAX level. If the gate drive is well damped,
the diodes may be removed R2 is used to allow the trans-
former to reset properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com