Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39150 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC39150
Description  1.5A, Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39150 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC39150_09 Datasheet HTML 6Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 7Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 8Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 9Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 10Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 11Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 12Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 13Page - Micrel Semiconductor MIC39150_09 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
13
M9999-102309-A
3-Pin TO-263 (U)
1
θ
3
θ
4
θ
1
θ
2
θ
3
θ
4
θ
2
θ
1
θ
5-Pin TO-263 (U)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com