Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39150 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC39150
Description  1.5A, Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39150 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC39150 Datasheet HTML 3Page - Micrel Semiconductor MIC39150 Datasheet HTML 4Page - Micrel Semiconductor MIC39150 Datasheet HTML 5Page - Micrel Semiconductor MIC39150 Datasheet HTML 6Page - Micrel Semiconductor MIC39150 Datasheet HTML 7Page - Micrel Semiconductor MIC39150 Datasheet HTML 8Page - Micrel Semiconductor MIC39150 Datasheet HTML 9Page - Micrel Semiconductor MIC39150 Datasheet HTML 10Page - Micrel Semiconductor MIC39150 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
7
M9999-102309-A
0
1
2
3
4
5
6
0.01 0.1
1
10 100 100010000
RESISTANCE (k )
Error Flag
Pull-Up Resistor
V
IN = 5V
FLAG HIGH
(OK)
FLAG LOW
(FAULT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com