Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39300 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC39300
Description  3A, Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39300 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC39300 Datasheet HTML 5Page - Micrel Semiconductor MIC39300 Datasheet HTML 6Page - Micrel Semiconductor MIC39300 Datasheet HTML 7Page - Micrel Semiconductor MIC39300 Datasheet HTML 8Page - Micrel Semiconductor MIC39300 Datasheet HTML 9Page - Micrel Semiconductor MIC39300 Datasheet HTML 10Page - Micrel Semiconductor MIC39300 Datasheet HTML 11Page - Micrel Semiconductor MIC39300 Datasheet HTML 12Page - Micrel Semiconductor MIC39300 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Micrel, Inc.
MIC39300/39301/39302
October 2009
13
M9999-102309-A
3-Pin TO-263 (U)
5-Pin TO-263 (U)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its
use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product
can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant
into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A
Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully
indemnify Micrel for any damages resulting from such use or sale.
© 2009 Micrel, Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com