Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC61300 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC61300 Datasheet HTML 1Page - Micrel Semiconductor MIC61300 Datasheet HTML 2Page - Micrel Semiconductor MIC61300 Datasheet HTML 3Page - Micrel Semiconductor MIC61300 Datasheet HTML 4Page - Micrel Semiconductor MIC61300 Datasheet HTML 5Page - Micrel Semiconductor MIC61300 Datasheet HTML 6Page - Micrel Semiconductor MIC61300 Datasheet HTML 7Page - Micrel Semiconductor MIC61300 Datasheet HTML 8Page - Micrel Semiconductor MIC61300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Micrel, Inc.
MIC61300
September 2010
2
M9999-092910-A
Ordering Information
Part Number
Top Mark
Voltage
Temperature Range
Package
Lead Finish
MIC61300YMME
61300
Adjustable
–40°C to +125°C
ePad MSOP-10L
Pb Free
MIC61300-10YMME
Z10J
1.0V
–40°C to +125°C
ePad MSOP-10L
Pb Free
MIC61300YML
ZJ30
Adjustable
–40°C to +125°C
3mmx3mm MLF
®-10L
Pb Free
MIC61300-10YML
10ZJ
1.0V
–40°C to +125°C
3mmx3mm MLF
®-10L
Pb Free
Pin Configuration
10-Pin ePad MSOP (MME)
10-Pin 3mm x 3mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1, 2
IN
Input Voltage.
3
GND
Ground: Input and output return pin.
4
EN
Enable: Active-high control input that allows turn-on/-off of the LDO.
5, 6
NC
No external function. Tie to ground.
7
CP
Internal Charge Pump Circuit Output: Connect a 0.1µF to 1µF capacitor from CP pin-to-GND to
control the ramp rate of the output.
FB
Adjustable Regulator Feedback Input: Connect to the resistor voltage divider network that is
placed from OUT pin to GND pin in order to set the output voltage.
8
SENSE
Fixed-Output Voltage Sense Input: Apply a Kelvin connection from this pin of the fixed output at
the point-of-load to sense the output voltage level.
9, 10
OUT
Regulator Output: The output voltage is set by the resistor divider connected from VOUT to GND
(with the divided connection tied to FB). A 47µF ceramic capacitor with low ESR is required to
maintain stability. See Applications Information.
EP
GND
Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com