Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39100-3.3WS Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC39100-3.3WS
Description  1A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39100-3.3WS Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC39100-3.3WS Datasheet HTML 4Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 5Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 6Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 7Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 8Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 9Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 10Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 11Page - Micrel Semiconductor MIC39100-3.3WS Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
August 2005
11
M9999-082505-B
MIC39100/39101/39102
Micrel
ΔT = TJ(max) – TA(max)
TJ(max) = 125°C
TA(max) = maximum ambient operating temperature
For example, the maximum ambient temperature is 50°C,
the ΔT is determined as follows:
ΔT = 125°C – 50°C
ΔT = 75°C
Using Figure 4, the minimum amount of required copper can
bedeterminedbasedontherequiredpowerdissipation.Power
dissipation in a linear regulator is calculated as follows:
PD = (VIN – VOUT) IOUT + VIN·IGND
If we use a 2.5V output device and a 3.3V input at an output
current of 1A, then our power dissipation is as follows:
PD = (3.3V – 2.5V) × 1A + 3.3V × 11mA
PD = 800mW + 36mW
PD = 836mW
From Figure 4, the minimum amount of copper required to
operate this application at a ΔT of 75°C is 160mm2.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 5, which shows safe
operating curves for three different ambient temperatures:
25°C, 50°C and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50°C and the power dissipation is as above,
836mW, the curve in Figure 5 shows that the required area
of copper is 160mm2.
The θJA of this package is ideally 63°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com