Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC61300YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC61300YML
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC61300YML Datasheet HTML 1Page - Micrel Semiconductor MIC61300YML Datasheet HTML 2Page - Micrel Semiconductor MIC61300YML Datasheet HTML 3Page - Micrel Semiconductor MIC61300YML Datasheet HTML 4Page - Micrel Semiconductor MIC61300YML Datasheet HTML 5Page - Micrel Semiconductor MIC61300YML Datasheet HTML 6Page - Micrel Semiconductor MIC61300YML Datasheet HTML 7Page - Micrel Semiconductor MIC61300YML Datasheet HTML 8Page - Micrel Semiconductor MIC61300YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Micrel, Inc.
MIC61300
September 2010
3
M9999-092910-A
Absolute Maximum Ratings(1, 2)
VIN to GND...................................................... −0.3V to 4.5V
VCP to GND..................................................... −0.3V to 5.5V
VOUT to GND ...................................................... −0.3V to VIN
VSENSE to GND ................................................... −0.3V to VIN
VEN to GND..................................................... −0.3V to 4.5V
VFB to GND ........................................................ −0.3V to VIN
Junction Temperature (TJ) ......................................... 150°C
Lead Temperature (soldering, 10 sec.)...................... 260°C
Storage Temperature (TS).........................−65°C to +150°C
Operating Ratings(3)
Supply Voltage (VIN)......................................... 1.1V to 3.6V
Enable Voltage (VEN)...................................... −0.3V to 3.6V
Output Voltage Range (VOUT)........................... 0.5V to 3.0V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Junction Temperature (TJ) ........................–40°C to +125°C
Maximum Power Dissipation (PD) ............................. Note 4
Package Thermal Resistance
3mm
× 3mm MLF-10L (θJA) ............................60.7°C/W
ePad MSOP-10 (
θJA) ......................................76.7°C/W
Electrical Characteristics(5)
VIN = VOUT + 0.4V; VEN = 1.1V; IOUT = 10mA; CCP = 0.1µF; COUT = 47µF; TJ = 25°C. Bold values indicate –40°C ≤ TJ ≤ +125°C, unless
noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (VIN)
1.1
3.6
V
IOUT = 3A; VIN = 1.4V
1.8
Ground Pin Current
IOUT = 3A; VIN = 3.6V
7.6
15
mA
Ground Current in Shutdown
VEN = 0V; VIN = 2V; VOUT = 0V
0.1
10
µA
Reference
0.495
0.500
0.505
Feedback Pin Voltage (FB Pin)
Adjustable Output
0.4875
0.500
0.5125
V
−1
0
+1
Output Voltage Accuracy
(SENSE Pin)
Fixed Output
−2.5
0
+2.5
%
Load Regulation
IOUT = 10mA to 3A
−0.35
0.35
%
Line Regulation
(6)
VIN = (VOUT + 0.4V) to 3.6V
−0.2
0.12
0.2
%/V
FB Pin Current
VFB = 0.5V
0.01
1
µA
Current Limit
Current Limit
VOUT = 0V
3.5
4.7
A
Dropout Voltage
Dropout Voltage (VIN − VOUT)
IOUT = 3A
150
350
mV
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model (HBM), 1.5k in series with 100pF.
3.
The device is not guaranteed to function outside its operating rating.
4.
PD(MAX) = (TJ(MAX) – TA) / θJA, where θJA, depends upon the printed circuit layout. See “Applications Information.”
5.
Specification for packaged product only.
6.
∆VOUT (%) = (0.12) × ∆VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com