Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9284 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9284
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9284 Datasheet HTML 9Page - Analog Devices AD9284 Datasheet HTML 10Page - Analog Devices AD9284 Datasheet HTML 11Page - Analog Devices AD9284 Datasheet HTML 12Page - Analog Devices AD9284 Datasheet HTML 13Page - Analog Devices AD9284 Datasheet HTML 14Page - Analog Devices AD9284 Datasheet HTML 15Page - Analog Devices AD9284 Datasheet HTML 16Page - Analog Devices AD9284 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9284
Rev. 0 | Page 13 of 24
THEORY OF OPERATION
The AD9284 is a pipeline-type converter. The input buffers are
differential, and both sets of inputs are internally biased. This
allows the use of ac or dc input modes. A sample-and-hold
amplifier is incorporated into the first stage of the multistage
pipeline converter core. The output staging block aligns the
data, carries out error correction for the pipeline stages, and
feeds that data to the output buffers. The two ADC channels
are sampled simultaneously through a single encoding clock.
All user-selected options are programmed through dedicated
digital input pins or a serial port interface (SPI).
ADC ARCHITECTURE
Each channel of the AD9284 consists of a differential input
buffer followed by a sample-and-hold amplifier (SHA). The
SHA is followed by a pipeline switched-capacitor ADC. The
quantized outputs from each stage are combined into a final
8-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate on a new input
sample, whereas the remaining stages operate on preceding
samples.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched-capacitor DAC
and interstage residue amplifier (MDAC). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage consists of a flash ADC.
The input stage contains a differential SHA that can be ac- or
dc-coupled in differential or single-ended mode. The output
staging block aligns the data, carries out error correction, and
passes the data to the output buffers. The output buffers are
powered from a separate supply, allowing adjustment of the
output voltage swing. During power-down, the output buffers
enter a high impedance state.
ANALOG INPUT CONSIDERATIONS
The analog inputs of the AD9284 are differentially buffered.
For best dynamic performance, the source impedances driving
VIN+A, VIN+B, VIN−A, and VIN−B should be matched such
that common-mode settling errors are symmetrical. The analog
inputs are optimized to provide superior wideband performance
and must be driven differentially. SNR and SINAD performance
degrades significantly if the analog inputs are driven with a single-
ended signal.
A wideband transformer, such as Mini-Circuits® ADT1-1WT,
can provide the differential analog inputs for applications that
require a single-ended-to-differential conversion. Both analog
inputs are self-biased by an on-chip resistor divider to
a nominal 1.4 V.
Differential Input Configurations
Optimum performance is achieved when driving the AD9284
in a differential input configuration. For baseband applications,
the ADA4937-1 differential driver provides excellent performance
and a flexible interface to the ADC (see Figure 19). The output
common-mode voltage of the AD9284 is easily set to 1.4 V, and
the driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
–
+
200Ω
227.4Ω
61.9Ω
ADA4937-1
1.2V p-p
0.1µF
200Ω
200Ω
4.7pF
33Ω
33Ω
VIN
+
–
AD9284
VCM
Figure 19. Differential Input Configuration Using the ADA4937-1
The AD9284 can also be driven passively with a differential
transformer-coupled input (see Figure 20). To bias the analog
input, the VCM voltage can be connected to the center tap of
the secondary winding of the transformer.
49.9Ω
1.2V p-p
4.7pF
0.1µF
33Ω
33Ω
VIN
+
–
AD9284
VCM
Figure 20. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting a
transformer. Most RF transformers saturate at frequencies below
a few megahertz (MHz). Excessive signal power can also cause
core saturation, which leads to distortion.
VOLTAGE REFERENCE
An internal differential voltage reference creates positive and
negative reference voltages that define the 1.2 V p-p fixed span
of the ADC core. This internal voltage reference can be adjusted
by means of SPI control. It can also be driven externally with
an off-chip stable reference. See the Memory Map Register
Descriptions section for more details.
RBIAS
The AD9284 requires the user to place a 10 kΩ resistor between
the RBIAS pin and ground. This resistor, which is used to set
the master current reference of the ADC core, should have a 1%
tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com