Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89112U Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # SY89112U
Description  2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89112U Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY89112U Datasheet HTML 6Page - Micrel Semiconductor SY89112U Datasheet HTML 7Page - Micrel Semiconductor SY89112U Datasheet HTML 8Page - Micrel Semiconductor SY89112U Datasheet HTML 9Page - Micrel Semiconductor SY89112U Datasheet HTML 10Page - Micrel Semiconductor SY89112U Datasheet HTML 11Page - Micrel Semiconductor SY89112U Datasheet HTML 12Page - Micrel Semiconductor SY89112U Datasheet HTML 13Page - Micrel Semiconductor SY89112U Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
SY89112U
July 2010
13
M9999-072809-D
hbwhelp@micrel.com or (408) 955-1690
LVPECL Output Interface Applications
LVPECL has high-input impedance, very-low output (open
emitter) impedance, and small signal swing, which result in
low EMI. LVPECL is ideal for driving 50
Ω and 100Ω
controlled
impedance
transmission
lines.
There
are
several techniques for terminating the LVPECL output:
Parallel
Termination-Thevenin
Equivalent,
Parallel
Termination (3-Resistor), and AC-Coupled Termination.
Unused output pairs may be left floating. However, single-
ended outputs must be terminated or balanced.
Figure 4a. Parallel Thevenin-Equivalent Termination
Figure 4b. Parallel Termination
(3-Resistor)
Related Product and Support Documentation
Part Number
Function
Datasheet Link
SY89113U
2.5V/3.3V Low-Jitter, Low-Skew, 1:12 LVDS
Fanout Buffer with 2:1 Input MUX and Internal
Termination
www.micrel.com/product-info/products/sy89113u.shtml
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com