Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3070 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3070
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3070 Datasheet HTML 17Page - Linear Technology LT3070 Datasheet HTML 18Page - Linear Technology LT3070 Datasheet HTML 19Page - Linear Technology LT3070 Datasheet HTML 20Page - Linear Technology LT3070 Datasheet HTML 21Page - Linear Technology LT3070 Datasheet HTML 22Page - Linear Technology LT3070 Datasheet HTML 23Page - Linear Technology LT3070 Datasheet HTML 24Page - Linear Technology LT3070 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3083
21
3083f
TYPICAL APPLICATIONS
High Voltage Regulator
Ramp Generator
Reference Buffer
Boosting Fixed Output Regulators
+
–
LT3083
6.1V
IN
1N4148
VIN
50V
VCONTROL
OUT
VOUT
3A
VOUT = 20V
VOUT = 50μA • RSET
3083 TA09
SET
RSET
402k
10μF
15μF
10μF
BUZ11
10k
+
+
+
–
LT3083
IN
VIN
5V
VCONTROL
OUT
VOUT
3083 TA10
SET
VN2222LL
VN2222LL
10μF
10μF
10nF
+
–
LT3083
IN
VIN
VCONTROL
OUT
VOUT*
3083 TA11
SET
OUTPUT
INPUT
C1
1μF
GND
C2
10μF
LT1019
*MIN LOAD 0.5mA
3083 TA12
10mΩ
20mΩ
42Ω*
47μF
3.3VOUT
4.5A
VCONTROL
33k
*4mV DROP ENSURES LT3083 IS
OFF WITH NO LOAD
MULTIPLE LT3083’S CAN BE USED
+
–
LT3083
10μF
5V
OUT
SET
IN
LT1963-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com