Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1322 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1322 Datasheet HTML 1Page - Diodes Incorporated ZXLD1322 Datasheet HTML 2Page - Diodes Incorporated ZXLD1322 Datasheet HTML 3Page - Diodes Incorporated ZXLD1322 Datasheet HTML 4Page - Diodes Incorporated ZXLD1322 Datasheet HTML 5Page - Diodes Incorporated ZXLD1322 Datasheet HTML 6Page - Diodes Incorporated ZXLD1322 Datasheet HTML 7Page - Diodes Incorporated ZXLD1322 Datasheet HTML 8Page - Diodes Incorporated ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
3 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Description
Name
Pin #
Description
ADJ
1
Adjust input
•
Leave floating, or connect to VREF to set 100% output current.
•
Drive with dc voltage. (50mV<VADJ< VREF) to adjust output current from 10% to 100%
of set value. (DC brightness control mode)
•
Drive with low frequency (200Hz) PWM control signal to gate output ‘on’ and ‘off’ at
the PWM frequency. (PWM brightness control mode)
•
Drive with low level dc voltage (VADJ<28mV) to turn off device (Standby mode)
BIAS
2
Bias pin for setting base current of internal switch transistor
•
Short pin to ground to define maximum base drive current for output switch
(Maximum output current condition)
•
Connect resistor (RBIAS) from this pin to ground to reduce base drive current
(Reduced output current condition)
CFB
3
Control input/output for feedback control loop
•
Connect 10nF capacitor from this pin to ground to provide loop compensation
N/C
4
Not connected internally (Open circuit)
ISENSE
5
Switch peak current sense pin
•
Connect resistor (RSENSE) from this pin to ground to define peak switch current
(ISWPEAK)=0.05/RS
EMITTER1
6
Switch emitters (Connect both pins to top of RSENSE to sense emitter current)
EMITTER2
7
COLLECTOR2
8
Switch Collectors (Connect both pins to lower side of coil)
COLLECTOR1
9
N/C
10
Internally connected - Do not connect to external circuitry
M_VIN
11
Input supply to high side current monitor
•
Connect output voltage (whichever is higher)
•
Connect resistor (RM) from this pin to to VIN to define nominal average output (LED)
current of 0.1/RM
VIN
12
Input supply voltage and load side input of high side current monitor.
Connect to sensing resistor RM.
TADJ
13
Temperature Adjust input for LED thermal compensation
•
Connect thermistor/resistor network to this pin to reduce output current above a
preset temperature threshold.
•
Connect to VREF to disable thermal compensation function
(see section on temperature control for details)
VREF
14
Internal 0.5V reference voltage output
Exposed Pad
15
Connect to ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com