Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1322DCCTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1322DCCTC
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322DCCTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1322DCCTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1322DCCTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
4 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Units
TOP
Operating Temperature
-40 to 125
°C
TST
Storage Temperature
-55 to 150
°C
TJ
Junction Temperature
-40 to 150
°C
PTOT
Package Power Dissipation
DFN14 with Exposed Pad: 4mm x 3mm, 0.5mm Pitch
1.5 at TAMB =70°C
W
DC-DC Converter
Supply Voltage (VIN)
-0.3V to +15V
ADJ
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
CFB
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
ISENSE
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
TADJ
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
BIAS
-0.3V to The lower of (+5.0V) or (VIN + 0.3V)
High-Side Current Monitor
Monitor Supply Voltage (M_VIN)
-0.3V to +15V
Continuous Sense Voltage
(M_VIN – M_LOAD)
-0.3V to +5V
Switching NPN Transistor
Symbol
Parameter
Rating
Units
VCBO
Collector-Base Voltage
18
V
VCEO
Collector-Emitter Voltage
18
V
ICM
Peak Pulse Current
3
(Pulsed Width = 300µs. Duty Cycle<=2%)
A
IC
Continuous Collector Current
2
A
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure. Operation at the absolute maximum ratings for
extended periods may reduce device reliability.
Thermal Resistance
Junction to ambient (RθJC)
Nominal Value
DFN4030-14
26.3°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com