Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AMC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMC3AMC
Description  30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3AMC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXMC3AMC Datasheet HTML 3Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 4Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 5Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 6Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 7Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 8Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 9Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 10Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ZXMC3AMC
Document number: DS35088 Rev. 1 - 2
7 of 11
www.diodes.com
December 2010
© Diodes Incorporated
ZXMC3AMC
A Product Line of
Diodes Incorporated
Electrical Characteristics – Q2 P-Channel @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
ID = -250μA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-
-
-0.5
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
ID = -250μA, VDS = VGS
Static Drain-Source On-Resistance (Note 13)
RDS (ON)
-
0.150
0.210
Ω
VGS = -10V, ID = -1.4A
0.280
0.330
VGS = -4.5V, ID = -1.1A
Forward Transconductance (Note 13 & 14)
gfs
-
2.48
-
S
VDS = -15V, ID = -1.4A
Diode Forward Voltage (Note 13)
VSD
-
-0.85
-0.95
V
IS = -1.1A, VGS = 0V
Reverse Recover Time (Note 14)
trr
-
18.6
-
ns
IS = -0.95A, di/dt = 100A/µs
Reverse Recover Charge (Note 14)
Qrr
-
14.8
-
nC
DYNAMIC CHARACTERISTICS (Note 14)
Input Capacitance
Ciss
-
206
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
59.3
-
pF
Reverse Transfer Capacitance
Crss
-
49.2
-
pF
Total Gate Charge (Note 15)
Qg
-
3.8
-
nC
VGS = -4.5V
VDS = -15V
ID = -1.4A
Total Gate Charge (Note 15)
Qg
-
6.4
-
nC
VGS = -10V
Gate-Source Charge (Note 15)
Qgs
-
0.69
-
nC
Gate-Drain Charge (Note 15)
Qgd
-
2.0
-
nC
Turn-On Delay Time (Note 15)
tD(on)
-
1.5
-
ns
VDS = -15V, ID = -1A
VGS = -10V, RG = 6Ω
Turn-On Rise Time (Note 15)
tr
-
2.8
-
ns
Turn-Off Delay Time (Note 15)
tD(off)
-
11.3
-
ns
Turn-Off Fall Time (Note 15)
tf
-
7.5
-
ns
Notes:
13. Measured under pulsed conditions. Width
≤ 300µs. Duty cycle ≤ 2%.
14. For design aid only, not subject to production testing.
15. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com