Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC6A09DN8 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXMC6A09DN8
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC6A09DN8 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXMC6A09DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 9Page - Diodes Incorporated ZXMC6A09DN8 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ZXMC6A09DN8
ISSUE 4 - MAY 2005
10
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park
Chadderton, Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2005
PACKAGE OUTLINE
CONTROLLING DIMENSIONS ARE IN INCHES
APPROX IN MILLIMETERS
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
e
1.27 BSC
0.050 BSC
A1
0.10
0.25
0.004
0.010
b
0.33
0.51
0.013
0.020
D
4.80
5.00
0.189
0.197
c
0.19
0.25
0.008
0.010
H
5.80
6.20
0.228
0.244
0°
8°
0°
8°
E
3.80
4.00
0.150
0.157
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
-
----
PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com