Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC6A09DN8TC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMC6A09DN8TC
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC6A09DN8TC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXMC6A09DN8TC Datasheet HTML 2Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 3Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 4Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 5Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 6Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 7Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 8Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 9Page - Diodes Incorporated ZXMC6A09DN8TC Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXMC6A09DN8
ISSUE 4 - MAY 2005
7
110
0
200
400
600
800
1000
1200
1400
1600
1800
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
V
DS -Drain -Source Voltage (V)
0
5
10
15
20
25
0
2
4
6
8
10
I
D
=3.5A
V
DS
= 15V
Gate-SourceVoltagevGateCharge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
N-CHANNEL TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com