Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMD63P02XTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMD63P02XTC
Description  DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMD63P02XTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMD63P02XTC Datasheet HTML 1Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 2Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 3Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 4Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 5Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 6Page - Diodes Incorporated ZXMD63P02XTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMD63P02X
2
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(d)
RθJA
143
°C/W
Junction to Ambient (b)(d)
RθJA
100
°C/W
Junction to Ambient (a)(e)
RθJA
120
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal
Impedance graph.
(d) For device with one active die.
(e) For device with two active die running at equal power.
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate- Source Voltage
VGS
± 12
V
Continuous Drain Current (VGS=4.5V; TA=25°C)(b)(d)
(VGS=4.5V; TA=70°C)(b)(d)
ID
-1.7
-1.35
A
Pulsed Drain Current (c)(d)
IDM
-9.6
A
Continuous Source Current (Body Diode)(b)(d)
IS
-1.4
A
Pulsed Source Current (Body Diode)(c)(d)
ISM
-9.6
A
Power Dissipation at TA=25°C (a)(d)
Linear Derating Factor
PD
0.87
6.9
W
mW/°C
Power Dissipation at TA=25°C (a)(e)
Linear Derating Factor
PD
1.04
8.3
W
mW/°C
Power Dissipation at TA=25°C (b)(d)
Linear Derating Factor
PD
1.25
10
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ISSUE
1 - JUNE 2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com