Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN2F34MA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN2F34MA
Description  20V N-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2F34MA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN2F34MA Datasheet HTML 1Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 2Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 3Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 4Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 5Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 6Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 7Page - Diodes Incorporated ZXMN2F34MA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMN2F34MA
Issue 3 - May 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-Source breakdown
voltage
V(BR)DSS
20
V
ID= 250μA, VGS=0V
Zero gate voltage drain
current
IDSS
1
μAV
DS= 20V, VGS=0V
Gate-Body leakage
IGSS
100
nA
VGS=±12V, VDS=0V
Gate-Source threshold
voltage
VGS(th)
0.5
0.8
1.5
V
ID= 250μA, VDS=VGS
Static Drain-Source
on-state resistance (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤2%.
RDS(on)
0.060
0.120
Ω
Ω
VGS= 4.5V, ID= 2.5A
VGS= 2.5V, ID= 1.0A
Forward
transconductance(*)(†)
gfs
7.5
S
VDS= 10V, ID= 2.5A
Dynamic (†)
(†) For design aid only, not subject to production testing.
Input capacitance
Ciss
277
pF
VDS= 10V, VGS=0V
f=1MHz
Output capacitance
Coss
65
pF
Reverse transfer
capacitance
Crss
35
pF
Switching (‡)(†)
(‡) Switching characteristics are independent of operating junction temperature.
Turn-on-delay time
td(on)
2.65
ns
VDD= 10V, VGS= 4.5V
ID= 1A
RG ≈ 6.0Ω
Rise time
tr
4.2
ns
Turn-off delay time
td(off)
9.9
ns
Fall time
tf
5.1
ns
Total gate charge
Qg
2.8
nC
VDS= 10V, VGS= 4.5V
ID= 2.5A
Gate-Source charge
Qgs
0.61
nC
Gate Drain charge
Qgd
0.63
nC
Source-drain diode
Diode forward voltage(*)
VSD
0.73
1.2
V
IS= 1.25A, VGS=0V
Reverse recovery time(†)
trr
6.5
ns
Tj=25oC, IF=1.65A
di/dt=100A/ s
Reverse recovery charge(†) Qrr
1.4
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com