Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN6A09DN8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN6A09DN8
Description  60V SO8 N-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN6A09DN8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN6A09DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMN6A09DN8 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 6 - January 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXMN6A09DN8
60V SO8 N-channel enhancement mode MOSFET
Summary
Description
This new generation of trench MOSFETs from Zetex utilizes a unique
structure that combines the benefits of low on-resistance with fast
switching speed. This makes them ideal for high efficiency, low voltage
power management applications.
Features
•
Low on-resistance
•
Fast switching speed
•
Low threshold
•
Low gate drive
•
SOIC package
Applications
•
DC-DC converters
•
Power management functions
•
Disconnect switches
•
Motor control
Ordering information
Device marking
ZXMN
6A09D
V(BR)DSS
RDS(on) ( )
ID (A)
60
0.040 @ VGS= 10V
5.6
0.060 @ VGS= 4.5V
4.6
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMN6A09DN8TA
7
12
500
D2
S2
G2
D1
S1
G1
D1
S1
G1
S2
G2
Top view
D1
D2
D2


Similar Part No. - ZXMN6A09DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8 Datasheet
694Kb / 8P
DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8 Datasheet
577Kb / 8P
60V SO8 N-channel enhancement mode MOSFET
ZXMN6A09DN8TA ZETEX-ZXMN6A09DN8TA Datasheet
694Kb / 8P
DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A09DN8TA ZETEX-ZXMN6A09DN8TA Datasheet
577Kb / 8P
60V SO8 N-channel enhancement mode MOSFET
ZXMN6A09DN8TC ZETEX-ZXMN6A09DN8TC Datasheet
694Kb / 8P
DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN6A09DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8_07 Datasheet
577Kb / 8P
60V SO8 N-channel enhancement mode MOSFET
ZXMN6A11DN8 ZETEX-ZXMN6A11DN8_06 Datasheet
644Kb / 8P
60V SO8 Dual N-channel enhancement mode MOSFET
ZXMN6A25DN8 ZETEX-ZXMN6A25DN8_06 Datasheet
716Kb / 8P
Dual 60V SO8 N-channel enhancement mode MOSFET
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
30V SO8 dual N-channel enhancement mode MOSFET
ZXMN6A25N8 ZETEX-ZXMN6A25N8 Datasheet
254Kb / 8P
60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
30V SO8 dual N-channel enhancement mode MOSFET
FEBRUARY 2008
ZXMN6A11DN8 DIODES-ZXMN6A11DN8 Datasheet
655Kb / 8P
60V SO8 Dual N-channel enhancement mode MOSFET
SEPTEMBER 2006
ZXMN6A25DN8 DIODES-ZXMN6A25DN8 Datasheet
727Kb / 8P
Dual 60V SO8 N-channel enhancement mode MOSFET
NOVEMBER 2006
ZXMN6A25N8 DIODES-ZXMN6A25N8 Datasheet
271Kb / 8P
60V SO8 N-channel enhancement mode MOSFET
APRIL 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com