Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP3A13F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP3A13F
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3A13F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP3A13F Datasheet HTML 1Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 2Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 3Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 4Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 5Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 6Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 7Page - Diodes Incorporated ZXMP3A13F Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SUMMARY
V(BR)DSS = -30V; RDS(ON) = 0.21
ID = -1.6A
DESCRIPTION
This new generation of trench MOSFETs from Zetex utilizes a unique structure that
combines the benefits of low on-resistance with fast switching speed. This makes
them ideal for high efficiency, low voltage, power management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• SOT23 package
APPLICATIONS
• DC - DC converters
• Power management functions
• Disconnect switches
• Motor control
DEVICE MARKING
• 313
ZXMP3A13F
ISSUE 1 - MAY 2007
1
30V P-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMP3A13FTA
7”
8mm
3000 units
ZXMP3A13FTC
13”
8mm
10000 units
ORDERING INFORMATION
SOT23
Top View
PINOUT


Similar Part No. - ZXMP3A13F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A13F ZETEX-ZXMP3A13F Datasheet
202Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A13F ZETEX-ZXMP3A13F Datasheet
205Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
ZP Semiconductor
ZXMP3A13F ZPSEMI-ZXMP3A13F Datasheet
194Kb / 3P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3A13FTA ZETEX-ZXMP3A13FTA Datasheet
202Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A13FTA ZETEX-ZXMP3A13FTA Datasheet
205Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP3A13F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com