Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A13G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMP6A13G
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A13G Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMP6A13G Datasheet HTML 1Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 2Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 3Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 4Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 5Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 6Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 7Page - Diodes Incorporated ZXMP6A13G Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXMP6A13G
Document Number DS32032 Rev. 4 - 2
3 of 8
www.diodes.com
December 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A13G
Thermal Characteristics
1
10
100
10m
1 00m
1
10
S ingle P u ls e
T
am b =2 5 °C
R
D S (on)
Lim ite d
1 00µ s
1m s
10m s
100m s
1s
DC
Safe O perating A rea
-V
DS
D rain -S o urc e V o ltage (V )
0
20
40
60
80 100 12 0 14 0 160
0.0
0.4
0.8
1.2
1.6
2.0
D erating C urve
T em p eratu re (°C )
100 µ 1m
10m 100 m
1
10
100
1k
0
10
20
30
40
50
60
70
T
am b =2 5 °C
Transient Therm al Im pedance
D= 0 .5
D= 0 .2
D= 0 .1
S ingle P u ls e
D= 0 .0 5
P ulse W idth (s)
100µ 1m
10 m 100m
1
10
10 0
1k
1
10
100
Sin g le P u ls e
T
am b =2 5 °C
P u lse P o w er D issip atio n
Pulse W id th (s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com