Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A16K Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP6A16K
Description  60V DPAK P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A16K Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP6A16K Datasheet HTML 1Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 2Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 3Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 4Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 5Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 6Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 7Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A16K
Issue 3 - June 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-source breakdown voltage V(BR)DSS
-60
V
ID= -250 A, VGS=0V
Zero gate voltage drain current
IDSS
-1.0
AVDS= -60V, VGS=0V
Gate-body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-source threshold voltage
VGS(th)
-1.0
V
ID= -250 A, VDS=VGS
Static drain-source on-state
resistance (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300 s. Duty cycle
2%.
RDS(on)
0.085
VGS= -10V, ID= -2.9A
0.125
VGS= -4.5V, ID = -2.4A
Forward transconductance(*) (‡)
gfs
7.2
S
VDS= -15V, ID= -2.9A
Dynamic(‡)
Input capacitance
Ciss
1021
pF
VDS= -30V, VGS=0V
f=1MHz
Output capacitance
Coss
83
pF
Reverse transfer capacitance
Crss
56
pF
Switching (†) (‡)
(†) Switching characteristics are independent of operating junction temperature.
(‡) For design aid only, not subject to production testing.
Turn-on-delay time
td(on)
3.5
ns
VDD= -30V, ID= -1A
RG≅6.0 , VGS= -10V
Rise time
tr
4.1
ns
Turn-off delay time
td(off)
35
ns
Fall time
tf
10
ns
Gate charge
Qg
12.1
nC
VDS= -30V, VGS= -5V
ID= -2.9A
Total gate charge
Qg
24.2
nC
VDS= -30V, VGS= -10V
ID= -2.9A
Gate-source charge
Qgs
2.5
nC
Gate drain charge
Qgd
3.7
nC
Source-drain diode
Diode forward voltage(*)
VSD
-0.85
-0.95
V
Tj=25°C, IS= -3.4A,
VGS=0V
Reverse recovery time(‡)
trr
29.2
ns
Tj=25°C, IS= -2A,
di/dt=100A/ s
Reverse recovery charge(‡)
Qrr
39.6
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com