Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A16KTC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMP6A16KTC
Description  60V DPAK P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A16KTC Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMP6A16KTC Datasheet HTML 1Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 2Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 3Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 4Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 5Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 6Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 7Page - Diodes Incorporated ZXMP6A16KTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXMP6A16K
Issue 3 - June 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
Current
regulator
Charge
Gate charge test circuit
Basic gate charge waveform
D.U.T
50k
0.2 F
12V
Same as
D.U.T
V
GS
V
GS
VDS
VG
QGS
QGD
QG
VGS
90%
10%
t(on)
t(on)
td(on)
tr
tr
td(off)
V
DS
V
DD
R
D
R
G
Pulse width
1 S
Duty factor 0.1%
V
DS
I
D
I
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com