Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A17DN8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP6A17DN8
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17DN8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP6A17DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17DN8 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = -60V; RDS(ON) = 0.125 ;ID= -3.2A
DESCRIPTION
This new generation of high cell density trench MOSFETs from Zetex utilizes a
unique structure that combines the benefits of low on-resistance with fast
switching speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• Low profile SOIC package
APPLICATIONS
• DC-DC Converters
• Power management functions
• Disconnect switches
• Motor control
DEVICE MARKING
ZXMP
6A17D
ZXMP6A17DN8
ISSUE 1 - OCTOBER 2005
1
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXMP6A17DN8TA
7’‘
12mm
500 units
ZXMP6A17DN8TC
13’‘
12mm
2500 units
ORDERING INFORMATION
SO8
Top view
PINOUT


Similar Part No. - ZXMP6A17DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A17DN8 ZETEX-ZXMP6A17DN8 Datasheet
186Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A17DN8TA ZETEX-ZXMP6A17DN8TA Datasheet
186Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP6A17DN8TA VBSEMI-ZXMP6A17DN8TA Datasheet
1Mb / 9P
Dual P-Channel 6 0-V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMP6A17DN8TC ZETEX-ZXMP6A17DN8TC Datasheet
186Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A17DN8 DIODES-ZXMP6A17DN8_15 Datasheet
224Kb / 8P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - ZXMP6A17DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A17DN8 ZETEX-ZXMP6A17DN8 Datasheet
186Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A16DN8 ZETEX-ZXMP6A16DN8 Datasheet
183Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A16DN8 DIODES-ZXMP6A16DN8 Datasheet
193Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
MAY 2005
ZXMP6A18DN8 DIODES-ZXMP6A18DN8 Datasheet
189Kb / 7P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
MAY 2005
DMP6050SSD DIODES-DMP6050SSD_15 Datasheet
410Kb / 6P
60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A17DN8 DIODES-ZXMP6A17DN8_15 Datasheet
224Kb / 8P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJL9835A PANJIT-PJL9835A Datasheet
379Kb / 7P
60V Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6050SSD DIODES-DMP6050SSD Datasheet
410Kb / 6P
60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A16DN8Q DIODES-ZXMP6A16DN8Q Datasheet
237Kb / 8P
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJQ5863A-AU PANJIT-PJQ5863A-AU Datasheet
409Kb / 6P
60V Dual P-Channel Enhancement Mode MOSFET
November 8,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com