Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A17G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP6A17G
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP6A17G Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17G Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP6A17G
Document Number DS33375 Rev. 2 - 2
2 of 8
www.diodes.com
August 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A17G
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
-60
V
Gate-Source voltage
VGS
±20
V
Continuous Drain current
VGS = 10V
(Note 3)
ID
-4.3
A
TA = 70°C (Note 3)
-3.5
(Note 2)
-3.0
Pulsed Drain current
VGS= 10V
(Note 4)
IDM
-13.7
A
Continuous Source current (Body diode)
(Note 3)
IS
-4.8
A
Pulsed Source current (Body diode)
(Note 4)
ISM
-13.7
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Note 2)
PD
2.0
16
W
mW/
°C
(Note 3)
3.9
31
Thermal Resistance, Junction to Ambient
(Note 2)
RθJA
62.5
°C/W
(Note 3)
32.0
Thermal Resistance, Junction to Lead
(Note 5)
RθJL
9.8
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
2. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
3. Same as note (2), except the device is measured at t
≤ 10 sec.
4. Same as note (2), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
5. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com