Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A18K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP6A18K
Description  60V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A18K Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP6A18K Datasheet HTML 1Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 2Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 3Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 4Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 5Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 6Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 7Page - Diodes Incorporated ZXMP6A18K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - March 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZXMP6A18K
60V P-channel enhancement mode MOSFET
Summary
V(BR)DSS = -60V: RDS(on) = 0.055 : ID = -10.4A
Description
This new generation of trench MOSFETs from Zetex utilizes a unique
structure that combines the benefits of low on-resistance with fast
switching speed. This makes them ideal for high efficiency, low voltage,
power management applications.
Features
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
DPAK package
Applications
Motor drive
Disconnect switches
Ordering information
Device marking
ZXMP
6A18
Device
Reel size
(inches)
Tape width
Quantity per reel
ZXMP6A18KTC
13
16mm
2500 units
D
S
G
Pinout - Top view


Similar Part No. - ZXMP6A18K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A18K ZETEX-ZXMP6A18K Datasheet
582Kb / 8P
60V P-channel enhancement mode MOSFET
ZXMP6A18KTC ZETEX-ZXMP6A18KTC Datasheet
582Kb / 8P
60V P-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMP6A18KTC VBSEMI-ZXMP6A18KTC Datasheet
1,003Kb / 8P
P-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
ZXMP6A18KTC ISC-ZXMP6A18KTC Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
ZXMP6A18K DIODES-ZXMP6A18K_15 Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
More results

Similar Description - ZXMP6A18K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
ZXMP6A13G DIODES-ZXMP6A13G_15 Datasheet
580Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com