Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP7A17G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP7A17G
Description  70V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP7A17G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP7A17G Datasheet HTML 1Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 2Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 3Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 4Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 5Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 6Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 7Page - Diodes Incorporated ZXMP7A17G Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP7A17G
Issue 1 - March 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air
conditions.
(b) For a device surface mounted on FR4 PCB measured at t
5 sec.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.05 pulse width=10 s - pulse width limited by maximum junction
temperature.
Parameter
Symbol
Limit
Unit
Drain-source voltage
VDSS
-70
V
Gate-source voltage
VGS
20
V
Continuous drain current
@ VGS=10V; TA=25°C
(b)
ID
-3.7
A
@ VGS=10V; TA=25°C
(b)
-2.9
@ VGS=10V; TA=25°C
(a)
-2.6
Pulsed drain current (c)
IDM
-9.6
A
Continuous source current (body diode) (b)
IS
-4.8
A
Pulsed source current (body diode) (c)
ISM
-9.6
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
2
16
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
3.9
31
W
mW/°C
Operating and storage temperature range
Tj, Tstg
-55 to +150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient (a)
R JA
62.5
°C/W
Junction to ambient (b)
R JA
32
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com