Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP2120FF Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMP2120FF
Description  200V SOT23F P-channel enhancement mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP2120FF Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXMP2120FF Datasheet HTML 2Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 3Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 4Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 5Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 6Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 7Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 8Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 9Page - Diodes Incorporated ZXMP2120FF Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXMP2120FF
Issue 1 - January 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
t
n
e
r
r
u
c
n
i
a
r
d
v
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
ID
s
p
m
A
(
t
n
e
r
r
u
C
n
i
a
r
D
-
)
8
.
0
-
6
.
0
-
4
.
0
-
2
.
0
-
0
0
)
C
n
(
e
g
r
a
h
C
-
Q
0
V
=
S
D
V
5
2
-
e
g
a
t
l
o
v
e
c
r
u
o
s
-
e
t
a
g
v
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
V S
G
)
s
t
l
o
V
(
e
g
a
t
l
o
V
e
c
r
u
o
S
e
t
a
G
-
0
0
1
-
8
-
6
-
4
-
2
-
0
V
=
S
D
V
5
2
-
0
3
-
0
2
-
0
1
-
0
V S
D
)
s
t
l
o
V
(
e
g
a
t
l
o
V
e
c
r
u
o
S
n
i
a
r
D
-
e
g
a
t
l
o
v
e
c
r
u
o
s
-
n
i
a
r
d
v
e
c
n
a
t
i
c
a
p
a
C
C s
s
o
e
g
a
t
l
o
v
e
c
r
u
o
s
-
e
t
a
g
v
e
g
r
a
h
c
e
t
a
G
6
-
8
-
0
1
-
4
1
-
6
1
-
2
1
-
4
-
2
-
0
V S
D
=
V
0
5
-
I
-
=
D
A
4
.
0
V
0
0
1
-
V
0
8
1
-
0
5
-
0
4
-
2
.
1
0
.
1
8
.
0
6
.
0
4
.
0
2
.
0
0
8
0
6
0
4
0
2
0
0
1
0
8
1
0
6
1
0
4
1
0
2
1
0
0
2
0
8
0
6
0
4
0
2
0
0
1
0
8
1
0
6
1
0
4
1
0
2
1
0
0
2
0
4
0
2
0
6
C s
s
i
C s
s
r
0
8
0
0
1
4
.
2
2
.
2
0
.
2
8
.
1
6
.
1
4
.
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com