Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004DG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6004DG
Description  60V N-channel self protected enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DG Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6004DG Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 1 - December 2008
1
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
A Product Line of
Diodes Incorporated
ZXMS6004DG
60V N-channel self protected enhancement mode
Intellifet MOSFET
Summary
Continuous drain source voltage
60 V
On-state resistance
500 m
Ω
Nominal load current (VIN = 5V)
1.3 A
Clamping energy
490mJ
Description
The ZXMS6004DG is a self protected low side MOSFET with logic level
input. It integrates over-temperature, over-current, over-voltage (active
clamp) and ESD protected logic level functionality. The ZXMS6004DG is
ideal
as
a
general
purpose
switch
driven
from
3.3V
or
5V
microcontrollers in harsh environments where standard MOSFETs are
not rugged enough.
Features
•
Compact high power dissipation package
•
Low input current
•
Logic Level Input (3.3V and 5V)
•
Short circuit protection with auto restart
•
Over voltage protection (active clamp)
•
Thermal shutdown with auto restart
•
Over-current protection
•
Input Protection (ESD)
•
High continuous current rating
Ordering information
Device
Part mark
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXMS66004DGTA
ZXMS
6004D
7
12 embossed
3,000 units
D
Top view
S
D
IN


Similar Part No. - ZXMS6004DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
686Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
July 2018 Rev. 5 - 2
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6004DGQTA DIODES-ZXMS6004DGQTA Datasheet
435Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
More results

Similar Description - ZXMS6004DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
60V N-channel self protected enhancement mode
JANUARY 2008
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
60V N-Channel self protected enhancement mode
JUNE 2007
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
60V N-channel self protected enhancement mode
MARCH 2007
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 4
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com