Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC380 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXSC380
Description  Single or multi cell LED driver solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC380 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXSC380 Datasheet HTML 1Page - Diodes Incorporated ZXSC380 Datasheet HTML 2Page - Diodes Incorporated ZXSC380 Datasheet HTML 3Page - Diodes Incorporated ZXSC380 Datasheet HTML 4Page - Diodes Incorporated ZXSC380 Datasheet HTML 5Page - Diodes Incorporated ZXSC380 Datasheet HTML 6Page - Diodes Incorporated ZXSC380 Datasheet HTML 7Page - Diodes Incorporated ZXSC380 Datasheet HTML 8Page - Diodes Incorporated ZXSC380 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXSC380
Issue 3 - September 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
LED Current vs Supply Voltage for L = 100uH
0
10
20
30
40
50
60
70
80
0.5
1
1.522.5
3
Supply Voltage Vvcc (V)
Ivcc vs Supply Voltage for L = 100uH
0
10
20
30
40
50
60
70
80
90
100
0.5
1
1.5
2
2.5
3
Supply Voltage Vvcc (V)
Efficiency vs Supply Voltgae for L = 100uH
0
10
20
30
40
50
60
70
80
90
100
0.5
1
1.5
2
2.5
3
Supply Voltage Vvcc (V)
Operating Waveforms
Channel 1 (lower): LED current ILed. 50mA/div.
Channel 2 (upper): Voltage at Vout pin. 1V/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com