Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC400 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXSC400
Description  LED DRIVER BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC400 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXSC400 Datasheet HTML 7Page - Diodes Incorporated ZXSC400 Datasheet HTML 8Page - Diodes Incorporated ZXSC400 Datasheet HTML 9Page - Diodes Incorporated ZXSC400 Datasheet HTML 10Page - Diodes Incorporated ZXSC400 Datasheet HTML 11Page - Diodes Incorporated ZXSC400 Datasheet HTML 12Page - Diodes Incorporated ZXSC400 Datasheet HTML 13Page - Diodes Incorporated ZXSC400 Datasheet HTML 14Page - Diodes Incorporated ZXSC400 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Li - Ion to 3 LED converter
ZXSC400
ISSUE 1 - JANUARY 2003
11
2.5
3.0
3.5
4.0
60
70
80
90
100
2.5
3.0
3.5
4.0
0
10
20
30
Input Voltage v Efficiency
Input Voltage v LED Current
3White LEDs
I
LED
=20mA
Input Voltage (V)
3White LEDs
Input Voltage (V)
Ref
Value
Part Number
Manufacture
Comments
U1
ZXSC400
Zetex
LED driver IC
U2
ZX3CDBS1M832
Zetex
NPN + Schottky dual
L1
10 H
CMD4D11-100MC
Sumida
1mm height profile
R1
68m
LR1206 / RL1220
IRC / Cyntec
1206 / 0805 size
R2
15
Generic
Generic
0603 size
C1
2.2 F/6V3
GRM Series
Murata
0805 size
C2
2.2 F/16V
GRM Series
Murata
1206 size
LED
NSCW215
Nichia
White SMT LED
Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com