Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC440 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXSC440 Datasheet HTML 4Page - Diodes Incorporated ZXSC440 Datasheet HTML 5Page - Diodes Incorporated ZXSC440 Datasheet HTML 6Page - Diodes Incorporated ZXSC440 Datasheet HTML 7Page - Diodes Incorporated ZXSC440 Datasheet HTML 8Page - Diodes Incorporated ZXSC440 Datasheet HTML 9Page - Diodes Incorporated ZXSC440 Datasheet HTML 10Page - Diodes Incorporated ZXSC440 Datasheet HTML 11Page - Diodes Incorporated ZXSC440 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Output power calculation
This is approximately the power stored in the coil times
the frequency of operation times the efficiency.
Assuming a current of 1.2 amps in a 30µH primary, the
stored energy will be 21.6µJ. The frequency is set by
the time it takes the primary to reach 1.2 amps plus the
1.7µs time allowed to discharge the energy into the
reservoir capacitor. Using 3 volts, the ramp time is
12µs, so the frequency will be 73kHz, giving an input
power of about 1.6 watts. With an efficiency of 75% the
output power will be 1.2 watts.
An 80µF capacitor
charged to 300 volts stores 3.6J, so 1.2 watts will take 3
seconds to charge it. Higher input voltages reduce the
ramp time, the frequency therefore goes up and the
output power is increased, resulting in shorter
charging times.
Output voltage adjustment
The ZXSC440 are adjustable output converters
allowing the end user the maximum flexibility. For
adjustable operation a potential divider network is
connected as follows:
The output voltage is determined by the equation:
VOUT = VFB (1 + RA / RB),
where VFB=300mV
In a circuit giving 300 volts, the "1" in the above
equation becomes negligible compared to the ratio
which is around 1000.
It will not be exactly
1000because of the negative input current in the
feedback pin. The resistor values, RA and RB, should
be maximized to improve efficiency and decrease
battery drain. Optimization can be achieved by
providing a minimum current of IFB(MAX)=200nA to the
VFB pin. Output is adjustable from VFB to the (BR)VCEO
of the switching transistor, Q1.
In practice, there will be some stray capacitance across
RA and this will cause a lead in the feedback which can
affect hysteresis (it makes the device shut down too
early) and it is best to swamp this with a capacitor CA
and then use a capacitor CB across RB where CB/CA =
RA/RB.
This is similar to the method used for
compensating oscilloscope probes.
ZXSC440
SEMICO NDUC TORS
ISSUE 1 - JANUARY 2005
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com