Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC420 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXSC420
Description  VOLTAGE MODE BOOST CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC420 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXSC420 Datasheet HTML 3Page - Diodes Incorporated ZXSC420 Datasheet HTML 4Page - Diodes Incorporated ZXSC420 Datasheet HTML 5Page - Diodes Incorporated ZXSC420 Datasheet HTML 6Page - Diodes Incorporated ZXSC420 Datasheet HTML 7Page - Diodes Incorporated ZXSC420 Datasheet HTML 8Page - Diodes Incorporated ZXSC420 Datasheet HTML 9Page - Diodes Incorporated ZXSC420 Datasheet HTML 10Page - Diodes Incorporated ZXSC420 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Output voltage adjustment
The ZXSC410/420 are adjustable output converters
allowing the end user the maximum flexibilty. For
adjustable operation a potential divider network is
connected as follows:
The output voltage is determined by the equation:
VV
1
RA
RB
OUT
FB
=+
where VFB=300mV
The resistor values, RA and RB, should be maximised
to improve efficiency and decrease battery drain.
Optimisation can be achieved by providing a minimum
current of IFB(MAX)=200nA to the VFB pin. Output is
adjustable from VFB to the (BR)VCEO of the switching
transistor, Q1.
Note: For the reference designs, RA is assigned the
label R2 and RB the label R3.
Layout issues
Layout is critical for the circuit to function in the most
efficient manner in terms of electrical efficiency,
thermal considerations and noise.
For ‘step-up converters’ there are four main current
loops, the input loop, power-switch loop, rectifier loop
and output loop. The supply charging the input
capacitor forms the input loop. The power-switch loop
is defined when Q1 is ‘on’, current flows from the input
through the inductor, Q1, RSENSE and to ground. When
Q1 is ‘off’, the energy stored in the inductor is
transferred to the output capacitor and load via D1,
forming the rectifier loop. The output loop is formed by
the output capacitor supplying the load when Q1 is
switched back off.
To optimise for best performance each of these loops
kept separate from each other and interconnected with
short, thick traces thus minimising parasitic
inductance, capacitance and resistance. Also the
RSENSE resistor should be connected, with minimum
trace length, between emitter lead of Q1 and ground,
again minimising stray parasitics.
ZXSC410
ZXSC420
SEMICO NDUC TORS
ISSUE 2 - May 2003
7
RB
VFB
GND
VOUT
RA
STDN
GND
VCC
DRIVE
SENSE
VFB
EOR
GND
VCC
DRIVE
SENSE
VFB
ZXSC410
SOT23-6
ZXSC420
SOT23-6
CONNECTION DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com