Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8042
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8042 Datasheet HTML 9Page - Linear Technology LTM8042 Datasheet HTML 10Page - Linear Technology LTM8042 Datasheet HTML 11Page - Linear Technology LTM8042 Datasheet HTML 12Page - Linear Technology LTM8042 Datasheet HTML 13Page - Linear Technology LTM8042 Datasheet HTML 14Page - Linear Technology LTM8042 Datasheet HTML 15Page - Linear Technology LTM8042 Datasheet HTML 16Page - Linear Technology LTM8042 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTM8042/LTM8042-1
13
80421fa
Junction Temperature Rise
vs Load, Buck-Boost Mode,
11.2V at 350mA LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
15.5V at 350mA LED String
PIN FUNCTIONS
GND (Bank 1): Signal and Power Return. Tie these pads
to a local ground plane below the LTM8042/LTM8042-1
and the circuit components. In most applications, the
bulk of the heat flow out of the LTM8042/LTM8042-1 is
through these pads, so the printed circuit design has a
large impact on the thermal performance of the part. See
the PCB Layout and Thermal Considerations sections for
more details.
VCC (Bank 2): Internal Housekeeping Power for the
LTM8042/LTM8042-1. Connect to an external power
source between 3V and 30V. The LTM8042/LTM8042-1
can withstand transients of 40V.
BSTIN/BKLED– (Bank 3):
Power Input for Boost Operation,
as Well as the Cathode Connection for the LED String in
Buck Mode. If the LTM8042/LTM8042-1 is used in boost
mode, these pins must be locally decoupled.
BSTOUT/BKIN (Bank 4): Output of the Boost Converter,
as Well as the Input for Buck Mode. If the LTM8042/
LTM8042-1 is used in buck mode, these pins must be
locally decoupled.
LED+ (Bank 5):
Connect this to the anode of the LED
string. This can also be connected to the PWM dimming
MOSFET if used.
RUN (Pin F1): Module Enable. Tie to 1.5V or higher to
enable the LTM8042/LTM8042-1 or 0.4V or less to dis-
able device.
SYNC (Pin G1): Frequency Synchronization Pin. Tie an
external clock signal here. The RT resistor should be
chosen to program a switching frequency that is 20%
slower than SYNC pulse frequency. Tie the SYNC pin to
GND if this feature is not used.
RT (Pin H1): Timing Resistor Pin. Used to program the
switching frequency of the LTM8042/LTM8042-1 by con-
necting a resistor from this pin to GND. The Applications
Information section of the data sheet includes a table
to determine the resistance value based on the desired
switching frequency. Minimize capacitance at this pin.
SS (Pin J1): Soft-Start Pin. Place a soft-start capacitor
here. Leave the pin open if not used.
LED CURRENT (mA)
0
0
200
100
50
18
16
10
12
14
80421 G77
300
250
150
350
8
2
4
6
5VIN
12VIN
LED CURRENT (mA)
0
0
200
100
50
30
25
80421 G78
300
250
150
350
20
5
10
15
5VIN
12VIN
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
LTM8042-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com