Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6200-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6200-10
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200-10 Datasheet(HTML) 2 Page - Linear Technology

  LT6200-10 Datasheet HTML 1Page - Linear Technology LT6200-10 Datasheet HTML 2Page - Linear Technology LT6200-10 Datasheet HTML 3Page - Linear Technology LT6200-10 Datasheet HTML 4Page - Linear Technology LT6200-10 Datasheet HTML 5Page - Linear Technology LT6200-10 Datasheet HTML 6Page - Linear Technology LT6200-10 Datasheet HTML 7Page - Linear Technology LT6200-10 Datasheet HTML 8Page - Linear Technology LT6200-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2379-18
2
237918p
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ...............................................2.8V
Supply Voltage (OVDD)................................................6V
Reference Input (REF).................................................6V
Analog Input Voltage (Note 3)
IN+, IN– ......................... (GND –0.3V) to (REF + 0.3V)
REF/DGC Input (Note 3) .... (GND –0.3V) to (REF + 0.3V)
Digital Input Voltage
(Note 3)........................... (GND –0.3V) to (OVDD + 0.3V)
(Notes 1, 2)
16
15
14
13
12
11
10
9
17
GND
1
2
3
4
5
6
7
8
GND
OVDD
SDO
SCK
RDL/SDI
BUSY
GND
CNV
CHAIN
VDD
GND
IN+
IN–
GND
REF
REF/DGC
TOP VIEW
DE PACKAGE
16-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
CHAIN
VDD
GND
IN+
IN–
GND
REF
REF/DGC
16
15
14
13
12
11
10
9
GND
OVDD
SDO
SCK
RDL/SDI
BUSY
GND
CNV
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 110°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2379CMS-18#PBF
LTC2379CMS-18#TRPBF
237918
16-Lead Plastic MSOP
0°C to 70°C
LTC2379IMS-18#PBF
LTC2379IMS-18#TRPBF
237918
16-Lead Plastic MSOP
–40°C to 85°C
LTC2379HMS-18#PBF
LTC2379HMS-18#TRPBF
237918
16-Lead Plastic MSOP
–40°C to 125°C
LTC2379CDE-18#PBF
LTC2379CDE-18#TRPBF
23798
16-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2379IDE-18#PBF
LTC2379IDE-18#TRPBF
23798
16-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Digital Output Voltage
(Note 3)........................... (GND –0.3V) to (OVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC2379C ................................................ 0°C to 70°C
LTC2379I ............................................. –40°C to 85°C
LTC2379H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com