Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTD4591E6TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTD4591E6TC
Description  DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591E6TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTD4591E6TC Datasheet HTML 1Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 2Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 3Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 4Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 5Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 6Page - Diodes Incorporated ZXTD4591E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSUE 1 - JULY 2000
ZXTD4591E6
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
73
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT NPN
LIMIT PNP
UNIT
Collector-Base Voltage
VCBO
80
-80
V
Collector-Emitter Voltage
VCEO
60
-60
V
Emitter-Base Voltage
VEBO
5-5
V
Peak Pulse Current
ICM
2-2
A
Continuous Collector Current
IC
1-1
A
Base Current
IB
500
-500
mA
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1.1
8.8
1.1
8.8
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.7
13.6
1.7
13.6
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com