Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72P366 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC72P366
Description  On-Chip One-Time Programmable PROM Single-Chip PLL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72P366 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC72P366 Datasheet HTML 6Page - Sanyo Semicon Device LC72P366 Datasheet HTML 7Page - Sanyo Semicon Device LC72P366 Datasheet HTML 8Page - Sanyo Semicon Device LC72P366 Datasheet HTML 9Page - Sanyo Semicon Device LC72P366 Datasheet HTML 10Page - Sanyo Semicon Device LC72P366 Datasheet HTML 11Page - Sanyo Semicon Device LC72P366 Datasheet HTML 12Page - Sanyo Semicon Device LC72P366 Datasheet HTML 13Page - Sanyo Semicon Device LC72P366 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
No. 5544-13/14
LC72P366
Continued from preceding page.
Mnemonic
Operand
Function
Operation
Machine code
1st
2n
D15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
D0
AND
r
M
AND M with r
r
← (r) AND (M)
0
0
1
0
0
0
DH
DL
r
ANDI
M
I
AND I with M
M
← (M) AND I
0
0
1
0
0
1
DH
DL
I
OR
r
M
OR M with r
r
← (r) OR (M)
0
0
1
0
1
0
DH
DL
r
ORI
M
I
OR I with M
M
← (M) OR I
0
0
1
0
1
1
DH
DL
r
EXL
r
M
Exclusive OR I with r
r
← (r) XOR I
0
0
1
1
0
1
DH
DL
r
EXLI
M
I
Exclusive OR I with M
M
← (M) XOR I
0
0
1
1
0
1
DH
DL
I
SHR
r
Shift r right with carry
carry
0
0
0
0
0
0
0
0
1
1
1
0
r
(r)
LD
r
M
Load M to r
r
← (M)
1
1
0
1
0
0
DH
DL
r
ST
M
r
Store r to M
M
← (r)
1
1
0
1
0
1
DH
DL
r
MVRD
r
M
Move M to destinsation
[DH, rn]
← (M)
1
1
0
1
1
0
DH
DL
r
M referring to r in
the same row
MVRS
M
r
Move M to destinsation
M
← [DH, rn]
1
1
0
1
1
1
DH
DL
r
M referring to r in
the same row
MVSR
M1
M2
Move source M referring [DH, DL1]
← [DH, DL2]
1
1
1
0
0
0
DH
DL1
DL2
to r to M in the same row
MVI
M
I
Move I to M
M
← I
1
1
1
0
0
1
DH
DL
I
TMT
M
N
Test M bits, then skip
if M (N) = all “1”,
1
1
1
1
0
0
DH
DL
N
if all bits specified
then skip
are true
TMF
M
N
Test M bits, then skip
if M (N) = all “0”,
1
1
1
1
0
1
DH
DL
N
if all bits specified
then skip
are false
JMP
ADDR
Jump to the address
PC
← ADDR
1
0
ADDR (14 bits)
CAL
ADDR
Call subroutine
Stack
← (PC) + 1
1
1
0
0
ADDR (12 bits)
RT
Return from subroutine
PC
← Stack
0
0
0
0
0
0
0
0
1
0
0
0
RTS
Return from subroutine
PC
← Stack + 1
0
0
0
0
0
0
0
0
1
0
1
0
and skip
RTB
Return from subroutine
PC
← Stack
1
1
1
1
1
1
1
1
1
1
0
0
with bank data
BANK
← Stack
RTBS
Return from subroutine
PC
← Stack + 1
1
1
1
1
1
1
1
1
1
1
0
1
with bank data and skip BANK
← Stack
RTI
Return from interrupt
PC
← Stack
0
0
0
0
0
0
0
0
1
0
0
1
BANK
← Stack
CARRY
← Stack
SS
I
N
Set status register
(Status reg I) N
← 1
1
1
1
1
1
1
1
1
0
0
0
I
N
RS
I
N
Reset status register
(Status reg I) N
← 0
1
1
1
1
1
1
1
1
0
0
1
I
N
TST
I
N
Test status register
if (Status reg I) N =
1
1
1
1
1
1
1
1
0
1
I
N
true
all “1”, then skip
TSF
I
N
Test status register
if (Status reg I) N =
1
1
1
1
1
1
1
1
1
0
I
N
false
“0”, then skip
TUL
N
Test unlock F/F then
if Unlock FF (N) =
0
0
0
0
0
0
0
0
1
1
0
1
N
skip if it has not been
all “0”, then skip
set
PLL
M
r
Load M to PLL register
PLL reg
← PLL data
1
1
1
1
1
0
DH
DL
r
INR
M
Rn
Input register/port
M
← (Rn reg)
0
0
1
1
1
0
DH
DL
Rn
data to M
OUTR
M
Rn
Output contents of M
Rn reg
← (M)
0
0
1
1
1
1
DH
DL
Rn
to register/port
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com