Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP717MA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP717MA
Description  12V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP717MA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP717MA Datasheet HTML 1Page - Diodes Incorporated ZXTP717MA Datasheet HTML 2Page - Diodes Incorporated ZXTP717MA Datasheet HTML 3Page - Diodes Incorporated ZXTP717MA Datasheet HTML 4Page - Diodes Incorporated ZXTP717MA Datasheet HTML 5Page - Diodes Incorporated ZXTP717MA Datasheet HTML 6Page - Diodes Incorporated ZXTP717MA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTP717MA
Document Number DS31881 Rev. 5 - 2
2 of 7
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP717MA
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-12
Emitter-Base Voltage
VEBO
-7
Peak Pulse Current
ICM
-12
A
Continuous Collector Current
(Note 4)
IC
-4
(Note 5)
-4.5
Base Current
IB
-1
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 4)
PD
1.5
12
W
mW/
°C
(Note 5)
2.45
19.6
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
83
°C/W
(Note 5)
51
Thermal Resistance, Junction to Lead
(Note 6)
RθJL
16.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 31mm x 31mm (10cm
2) FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition. The entire exposed collector pad is attached to the heatsink.
5. Same as note (4), except the device is measured at t
≤ 5 sec.
6. For a single device, thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com