Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2008G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2008G
Description  30V PNP LOW SATURATION TRANSISTOR IN SOT223
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2008G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2008G Datasheet HTML 1Page - Diodes Incorporated ZXTP2008G Datasheet HTML 2Page - Diodes Incorporated ZXTP2008G Datasheet HTML 3Page - Diodes Incorporated ZXTP2008G Datasheet HTML 4Page - Diodes Incorporated ZXTP2008G Datasheet HTML 5Page - Diodes Incorporated ZXTP2008G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
BVCEO = -30V : RSAT = 31m ; IC = -5.5A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 30V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
• 5.5 Amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Exceptional gain linearity down to 10mA
APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control
DEVICE MARKING
ZXTP
2008
ZXTP2008G
ISSUE 1 - JUNE 2005
30V PNP LOW SATURATION TRANSISTOR IN SOT223
1
PINOUT
TOP VIEW
SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2008GTA
7”
12mm
embossed
1,000 units
ZXTP2008GTC
13”
4,000 units
ORDERING INFORMATION


Similar Part No. - ZXTP2008G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2008G ZETEX-ZXTP2008G Datasheet
111Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
ZXTP2008GTA ZETEX-ZXTP2008GTA Datasheet
111Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2008GTA DIODES-ZXTP2008GTA Datasheet
450Kb / 7P
30V PNP LOW SATURATION TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTP2008GTC ZETEX-ZXTP2008GTC Datasheet
111Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2008G DIODES-ZXTP2008G_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results

Similar Description - ZXTP2008G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T949G ZETEX-ZX5T949G Datasheet
119Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
ZXTP2008G ZETEX-ZXTP2008G Datasheet
111Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T949G DIODES-ZX5T949G Datasheet
128Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
NOVEMBER 2003
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZX5T849G DIODES-ZX5T849G Datasheet
126Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
NOVEMBER 2003
ZX5T949G DIODES-ZX5T949G_15 Datasheet
128Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
NOVEMBER 2003
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2008G DIODES-ZXTP2008G_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com