Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP07040DFF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP07040DFF
Description  40V, SOT23F, PNP medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP07040DFF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP07040DFF Datasheet HTML 1Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 2Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 3Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 4Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 5Page - Diodes Incorporated ZXTP07040DFF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP07040DFF
Issue 1 - September 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
-50
-80
V
IC = -100 A
Collector-emitter breakdown
voltage (base open)
BVCEO
-40
-65
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
-7
-8.3
V
IE = -100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECO
-3
-8.6
V
IE = -100 A
Collector-base cut-off current
ICBO
<-1
-50
nA
VCB = -36V
-20
AVCB = -36V, Tamb= 100°C
Emitter-base cut-off current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-emitter saturation
voltage
VCE(sat)
-110
-180
mV
IC = -0.5A, IB = -5mA(*)
-80
-100
mV
IC = -1A, IB = -100mA(*)
-230
-400
mV
IC = -1A, IB = -10mA(*)
-310
-540
mV
IC = -2A, IB = -40mA(*)
-250
-390
mV
IC = -3A, IB = -150mA(*)
Base-emitter saturation
voltage
VBE(sat)
-935
-1040
mV
IC = -3A, IB = -150mA(*)
Base-emitter turn-on voltage
VBE(on)
-825
-930
mV
IC = -3A, VCE = -2V(*)
Static forward current
transfer ratio
hFE
300
450
800
IC = -10mA, VCE = -2V(*)
250
380
IC = -0.5A, VCE = -2V(*)
200
330
IC = -1A, VCE = -2V(*)
80
160
IC = -3A, VCE = -2V(*)
Transition frequency
fT
100
200
MHz
IC = -50mA, VCE = -5V
f = 50MHz
Output capacitance
Cobo
30
40
pF
VCB = -10V, f = 1MHz(*)
Delay time
td
20.7
ns
VCC = -10V,
IC = -500mA,
IB1 = IB2= -50mA
Rise time
tr
12.2
ns
Storage time
ts
375
ns
Fall time
tf
72
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com