Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19020DZ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP19020DZ
Description  20V PNP high gain transistor in SOT89
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19020DZ Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP19020DZ Datasheet HTML 1Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 2Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 3Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 4Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 5Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 6Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 7Page - Diodes Incorporated ZXTP19020DZ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXTP19020DZ
Issue 1- February 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-Base breakdown
voltage
BVCBO
-25
-55
V
IC = -100µA
Collector-Emitter
breakdown voltage
BVCEO
-20
-50
V
IC= -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300µs; duty cycle ≤ 2%.
Emitter-Collector
breakdown voltage
(reverse blocking)
BVECX
-4
-8.6
V
IE = -100µA, RBC < 1kΩ or
0.25V > VBC > -0.25V
Emitter-Collector
breakdown voltage
(reverse blocking)
BVECO
-4
-8.6
V
IE = -100µA
Emitter-Base breakdown
voltage
BVEBO
-7
-8.2
V
IE = -100µA
Collector-Base cut-off
current
ICBO
<1
50
0.5
nA
µA
VCB = -25V
VCB = -25V, Tamb=100°C
Emitter cut-off current
IEBO
<1
-50
nA
VEB = -5.6V
Collector-Emitter
saturation voltage
VCE(sat)
-40
-100
-115
-225
-47
-130
-145
-275
mV
mV
mV
mV
IC = -1A, IB = -100mA(*)
IC = -1A, IB = -10mA(*)
IC = -2A, IB = -40mA(*)
IC = -6A, IB = -300mA(*)
Base-Emitter saturation
voltage
VBE(sat)
-1000
-1100
mV
IC = -6A, IB = -300mA(*)
Base-Emitter turn-on
voltage
VBE(on)
-865
-1000
mV
IC = -6A, VCE = -2V(*)
Static forward current
transfer ratio
hFE
300
200
65
450
290
110
25
900
IC = -100mA, VCE = -2V(*)
IC = -2A, VCE = -2V(*)
IC = -6A, VCE = -2V(*)
IC = -15A, VCE = -2V(*)
Transition frequency
fT
176
MHz
IC = -50mA, VCE = -10V
f = 50MHz
Input capacitance
Cibo
400
pF
VEB = -0.5V, f = 1MHz(*)
Output capacitance
Cobo
36
45
pF
VCB = -10V, f = 1MHz(*)
Delay time
td
23
ns
IC = -1A, VCC = -10V,
IB1 = -IB2 = -50mA
Rise time
tr
18.4
ns
Storage time
ts
266
ns
Fall time
tf
49.6
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com