Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD3F303DPVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3F303DPVR
Description  EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3F303DPVR Datasheet(HTML) 2 Page - Texas Instruments

  TPD3F303DPVR Datasheet HTML 1Page - Texas Instruments TPD3F303DPVR Datasheet HTML 2Page - Texas Instruments TPD3F303DPVR Datasheet HTML 3Page - Texas Instruments TPD3F303DPVR Datasheet HTML 4Page - Texas Instruments TPD3F303DPVR Datasheet HTML 5Page - Texas Instruments TPD3F303DPVR Datasheet HTML 6Page - Texas Instruments TPD3F303DPVR Datasheet HTML 7Page - Texas Instruments TPD3F303DPVR Datasheet HTML 8Page - Texas Instruments TPD3F303DPVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin 5
GND
Schematic for V
CC
Pin 2
45
Pin 7
GND
Schematic for CLK Line
100
Pin 6,8
GND
Schematic for DATA1, DATA2 Lines
Pin 1,3
TPD3F303
SLVSAM5 – JANUARY 2011
www.ti.com
CIRCUIT DIAGRAMS
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
DPV/DQD
NAME
PIN NO.
Data and Rest signals Input, Output pins. The DATA1 and DATA2 are symmetric circuits.
DATAx_IN,
Input, Output
1, 3, 6, 8
They can be used interchangeably for either DATA or RESET pins based off board layout
DATAx_OUT
Pins
scheme.
CLK_OUT,
Input, Output
2, 7
Clock Input and Output signals.
CLK_IN V
Pins
VCC
5
Power Clamp ESD Clamp circuit for the VCC pin.
NC
4
No Connect
Not connected to any internal circuit. Leave this pin floating.
Central ground
Ground connection for the EMI filter. It is very important to connect the device GND to the
GND
Ground
Pad
printed circuit board ground plane through Vias directly under the package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IO voltage tolerance
IO pins
5.5
V
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–55
155
°C
IEC 61000-4-2 Contact Discharge
IO pins
±15
KV
IEC 61000-4-2 Air-gap Discharge
IO pins
±15
KV
Human Body Model ESD
IO pins
±15
KV
(1)
Stresses beyond those listed under "ABSOLUTE MAXIMUM RATINGS" may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vclamp
Clamp voltage
IIO = ±2 A
IO pin to ground
±10
V
II
Leakage current
RPU = Open
IO pin to ground
0.1
µA
RCLK
CLK series resistors
40
47
55
Ω
RDAT_RST
Data/RST series resistors
85
100
115
Ω
CTotal
IO Capacitance
VIO = 0 V
IO Pins to GND
16
20
24
pF
VBR
Break-down Voltage
IIO = 1 mA
6
V
ZSOURCE = 50 Ω
F–3dB
–3 dB BW for DATA/RESET line
294
MHz
ZLOAD = 50 Ω
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TPD3F303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com