Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25015DFHTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP25015DFHTA
Description  15V, SOT23, PNP medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25015DFHTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP25015DFHTA Datasheet HTML 1Page - Diodes Incorporated ZXTP25015DFHTA Datasheet HTML 2Page - Diodes Incorporated ZXTP25015DFHTA Datasheet HTML 3Page - Diodes Incorporated ZXTP25015DFHTA Datasheet HTML 4Page - Diodes Incorporated ZXTP25015DFHTA Datasheet HTML 5Page - Diodes Incorporated ZXTP25015DFHTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP25015DFH
Issue 2 - March 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
-15
-35
V
IC = -100 A
Collector-emitter breakdown
voltage (base open)
BVCEO
-15
-30
V
IC = -10mA
(*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
-7
-8.4
V
IE = -100 A
Emitter-collector breakdown
voltage (base open)
BVECO
-3
-8.2
V
IE = -100 A
(*)
Collector-base cut-off current
ICBO
<-1
-50
-20
nA
A
VCB = -12V
VCB = -12V, Tamb= 100°C
Emitter-base cut-off current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-emitter saturation
voltage
VCE(sat)
-45
-55
mV
IC = -1A, IB = -100mA
(*)
-110
-150
mV
IC = -1A, IB = -10mA
(*)
-130
-175
mV
IC = -2A, IB = -40mA
(*)
-160
-210
mV
IC = -4A, IB = -200mA
(*)
-165
-220
mV
IC = -5A, IB = -500mA
(*)
Base-emitter saturation
voltage
VBE(sat)
-930
-1050
mV
IC = -4A, IB = -200mA
(*)
Base-emitter turn-on voltage
VBE(on)
-810
-900
mV
IC = -4A, VCE = -2V
(*)
Static forward current transfer
ratio
hFE
300
450
900
IC = -10mA, VCE = -2V
(*)
200
315
IC = -1A, VCE = -2V
(*)
90
145
IC = -4A, VCE = -2V
(*)
30
IC = -10A, VCE = -2V
(*)
Transition frequency
fT
295
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output capacitance
COBO
25
30
pF
VCB = -10V, f = 1MHz
(*)
Delay time
td
33.8
ns
VCC = -15V.
IC = -750mA,
IB1 = IB2= -15mA
Rise time
tr
43.5
ns
Storage time
ts
196
ns
Fall time
tf
51.7
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com