Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4081 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC4081
Description  General Purpose Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4081 Datasheet(HTML) 1 Page - Weitron Technology

  2SC4081 Datasheet HTML 1Page - Weitron Technology 2SC4081 Datasheet HTML 2Page - Weitron Technology 2SC4081 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
2SC4081
SOT-323(SC-70)
1
BASE
COLLECTOR
EMITTER
3
2
General Purpose Transistor
NPN Silicon
Lead(Pb)-Free
P b
http://www.weitron.com.tw
WEITRON
1/3
10-Jul-08
FEATURES
Excellent hFE linearity
Complements the 2A1576A
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
VCBO
Collector-Base Voltage
60
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current -Continuous
PC
Collector Power Dissipation
TJ
Junction Temperature
℃
Tstg
Storage Temperature
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=50
μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50
μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE(1)
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA,f=30MHz
180
MHz
Collector output capacitance
Cob
VCB12V,IE=0,f=1MHz
3.5
pF
CLASSIFICATION OF
hFE(1)
Rank
S
R
Q
Range
120-270
180-390
270-560
Marking
S
B
R
B
Q
B
V
50
V
7
V
150
mA
200
150
-55 to +150
mW
Parameter
Symbol
Value
Units


Similar Part No. - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081 ROHM-2SC4081 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
2SC4081 ROHM-2SC4081 Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081 ROHM-2SC4081 Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
logo
Guangdong Kexin Industr...
2SC4081 KEXIN-2SC4081 Datasheet
46Kb / 1P
General Purpose Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4081 HTSEMI-2SC4081 Datasheet
808Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com