Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4618 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC4618
Description  NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4618 Datasheet(HTML) 1 Page - Weitron Technology

  2SC4618 Datasheet HTML 1Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN TRANSISTOR
2SC4618
SOT-523(SC-75)
1
2
3
WEITRON
http://www.weitron.com.tw
1/1
16-Jul-10
FEATURES:
Power dissipation
PCM
Collector current
ICM: 0.05 A
Collector-base voltage
V(BR)CBO: 40 V
Operating and storage junction temperature range
TJ, Tstg
C
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Collector-base breakdown voltage
V(BR)CBO
IC =50 μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50
μ A, IC=0
V
Collector cut-off current
ICBO
VCB=24V, IE=0
μA
Emitter cut-off current
IEBO
VEB=3V, IC=0
μA
DC current gain
hFE
V
I
CE=6V, IC
=1mA
56
Collector-emitter saturation voltage
VCE(sat)
C=10mA, I B
=1mA
0.3
V
Transition frequency
fT
VCE=6V, IC=1mA, f=100MHZ
150
Collector output capacitance
Cob
VCB=6V, I E=0, f=1MHz
2.2
pF
CLASSIFICATION OF
hFE
Rank
Range
Marking
Symbol
MIN
TYP
MAX
UNIT
25
5
0.5
0.5
270
MHz
N
P
Q
56-120
82-180
120-270
AN
AP
AQ
Lead(Pb)-Free
P b


Similar Part No. - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4618 ROHM-2SC4618 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC4618 ROHM-2SC4618 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618 Datasheet
382Kb / 2P
NPN General Purpose Transistor
2SC4618 SECOS-2SC4618 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
logo
Rohm
2SC4618 ROHM-2SC4618 Datasheet
105Kb / 3P
High-frequency Amplifier Transistor
More results

Similar Description - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com