Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25020DFH Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP25020DFH
Description  20V, SOT23, PNP medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25020DFH Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP25020DFH Datasheet HTML 1Page - Diodes Incorporated ZXTP25020DFH Datasheet HTML 2Page - Diodes Incorporated ZXTP25020DFH Datasheet HTML 3Page - Diodes Incorporated ZXTP25020DFH Datasheet HTML 4Page - Diodes Incorporated ZXTP25020DFH Datasheet HTML 5Page - Diodes Incorporated ZXTP25020DFH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP25020DFH
Issue 1 - July 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
-25
-55
V
IC = -100 A
Collector-emitter breakdown
voltage (base open)
BVCEO
-20
-45
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
-7
-8.3
V
IE = -100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECO
-4
-8.5
V
IC = -100 A(*)
Collector cut-off current
ICBO
<-1
-50
nA
VCB = -20V
-20
A
VCB = -20V, Tamb= 100°C
Emitter cut-off current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-emitter saturation
voltage
VCE(sat)
-50
-60
mV
IC = -1A, IB = -100mA(*)
-150
-210
mV
IC = -1A, IB = -10mA(*)
-180
-240
mV
IC = -2A, IB = -40mA(*)
-155
-180
mV
IC = -4A, IB = -400mA(*)
Base-emitter saturation
voltage
VBE(sat)
-960
-1050
mV
IC = -4A, IB = -400mA(*)
Base-emitter turn-on
voltage
VBE(on)
-815
-900
mV
IC = -4A, VCE = -2V(*)
Static forward current
transfer ratio
hFE
300
450
900
IC = -10mA, VCE = -2V(*)
200
310
IC = -1A, VCE = -2V(*)
70
100
IC = -4A, VCE = -2V(*)
20
IC = -10A, VCE = -2V(*)
Transition frequency
fT
290
MHz
IC = -50mA, VCE = -10V
f = 50MHz
Output capacitance
COBO
21
30
pF
VCB = -10V, f = 1MHz(*)
Delay time
t(d)
14.2
VCC = -10V. IC = -1A, IB1
= IB2= -50mA.
Rise time
t(r)
16.3
Storage time
t(s)
186
Fall time
t(f)
32.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com