Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5585 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC5585
Description  NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC5585 Datasheet(HTML) 1 Page - Weitron Technology

  2SC5585 Datasheet HTML 1Page - Weitron Technology 2SC5585 Datasheet HTML 2Page - Weitron Technology 2SC5585 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN TRANSISTOR
2SC5585
SOT-523(SC-75)
1
2
3
WEITRON
http://www.weitron.com.tw
1/3
06-Feb-10
FEATURES:
* High current.
* Low VCE(sat). VCE(sat).250mV at IC = 200mA / IB = 10mA
MAXIMUM RATINGS (TA=25°Cunless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Collect or-base breakdown voltage
V(BR)CBO
IC =10
μA, IE=0
15
V
Collect or-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB
V
12
0
=
Emitter- base breakdown voltage
V(BR)EBO
IE=10
μA, IC
V
6
0
=
Coll ect or cut-off curre nt
ICBO
VCB=15V, IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=6V, IC
1
.
0
0
=
μA
DC current gain
hFE
V
I
CE=2V, IC
=10mA
270
680
Coll ect or-emitter sat uration voltage
VCE(sat)
C=200mA, IB
=10mA
0.25
V
Transitio n fr equ ency
fT
VCE=2V, IC=10mA, f=100MHz
-
MHz
Collect or ou tput capaci tance
Cob
VCB=10V, IE=0, f=1MHz
-
pF
VCBO
V
-
7.5
320
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
15
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
12
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
6
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
500
PC
W
m
150
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
C
TJ
150
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
°C
Tstg
150
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
°C
Symbol
Parameter
Value
Units
Collector Current –Continuous
mA
Symbol
MIN
TYP
MAX
UNIT
Lead(Pb)-Free
P b
Marking : BX


Similar Part No. - 2SC5585

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
logo
Guangdong Kexin Industr...
2SC5585 KEXIN-2SC5585 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC5585 SECOS-2SC5585 Datasheet
168Kb / 2P
NPN Silicon General Purpose Transistor
2SC5585 SECOS-2SC5585 Datasheet
204Kb / 2P
NPN Silicon General Purpose Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
More results

Similar Description - 2SC5585

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com