Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25100CFH Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP25100CFH
Description  100V, SOT23, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25100CFH Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP25100CFH Datasheet HTML 1Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 2Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 3Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 4Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 5Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 6Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 7Page - Diodes Incorporated ZXTP25100CFH Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP25100CFH
Issue 2 - October 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
-115
-180
V
IC = -100 A
Collector-emitter breakdown
voltage (base open)
BVCEO
-100
-140
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
-7
-8.4
V
IE = -100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECX
-7
-8.3
V
IE = -100 A, RBC < 1k or
-0.25 < VBC < 0.25V
Emitter-collector breakdown
voltage (base open)
BVECO
-7
-8.8
V
IE = -100 A
Collector-base cut-off current
ICBO
<-1
-50
nA
VCB = -115V
-0.5
A
VCB = -115V, Tamb= 100°C
Collector emitter cut-off
current
ICEX
-
-100
nA
VCE = -90V, RBE < 1k or
-0.25V < VBE < 1V
Emitter-base cut-off current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-emitter saturation
voltage
VCE(sat)
-140
-210
mV
IC = -100mA, IB = -1mA(*)
-80
-110
mV
IC = -500mA, IB = -50mA(*)
-180
-310
mV
IC = -500mA, IB = -20mA(*)
-150
-220
mV
IC = -1A, IB = -100mA(*)
Base-emitter saturation
voltage
VBE(sat)
-845
-950
mV
IC = -1A, IB = -100mA(*)
Base-emitter turn-on voltage
VBE(on)
-790
-900
mV
IC = -1A, VCE = -2V(*)
Static forward current transfer
ratio
hFE
200
350
500
IC = -10mA, VCE = -2V(*)
180
320
IC = -100mA, VCE = -2V(*)
110
190
IC = -500mA, VCE = -2V(*)
20
35
IC = -1A, VCE = -2V(*)
Transition frequency
fT
180
MHz
IC = -20mA, VCE = -15V
f = 100MHz
Output capacitance
Cobo
14.1
20
pF
VCB = -10V, f = 1MHz(*)
Delay time
td
15.8
ns
VCC = -10V.
IC = -500mA,
IB1 = IB2= -50mA.
Rise time
tr
41
ns
Storage time
ts
411
ns
Fall time
tf
89
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com