Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 2 Page - Weitron Technology

Part # B0520WS
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B0520WS Datasheet(HTML) 2 Page - Weitron Technology

  B0520WS Datasheet HTML 1Page - Weitron Technology B0520WS Datasheet HTML 2Page - Weitron Technology B0520WS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
Maximum Ratings (TA=25°C Unless otherwise noted)
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Thermal Resistance junction to Ambient
Symbol
VRRM
VRWM
VR
VR(RMS)
IFSM
Pd
IO
Unit
V
V
A
mA
mW
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
°C
RθJA
426
250
Peak Forward Surge Current
RMS Reverse Voltage
Average Rectified Output Current
20
14
500
2.0
Characteristic
Symbol
Reverse Breakdown Voltage
IR=250µA
V(BR)R
Unit
Forward Voltage
IF=0.1A
IF=0.5A
VF
V
V
Capacitance between terminals
VR=0V, f=1.0MHz
C
pF
Reverse Current
VR=10V
VR=20V
IR
µA
0.31
0.43
100
250
170
Electrical Characteristics (TA=25˚C Unless otherwise noted)
20
Power Dissipation
T
Device Marking
Item
Marking
Eqivalent Circuit diagram
B0520WS
SD
2
1
2/3
B0520WS
02-Nov-06
Value
Value
Storage Temperature Range
TSTG
+125



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com